Part Number Hot Search : 
XN04111 30301 030CT FA2361U SZ50D0 RU60E16L LT300 F9N50
Product Description
Full Text Search
 

To Download REC40-4818SRW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

40W Package (50.8x11.90x40.6mm) 1.6kVDC Isolation Wide Input 2:1 Regulated Output UL94V-0 Package Material Continuous Short Circuit Protection Vout Trim and ON/OFF Control Function Efficiency to 87%
ECONOLINE
DC/DC-Converter
REC40SRW/H Series
40 Watt Single Output
Selection Guide
Part Number REC40-481.8SRW/H REC40-482.5SRW/H REC40-483.3SRW/H REC40-4805SRW/H REC40-4812SRW/H REC40-4815SRW/H REC40-4824SRW/H Input Voltage (VDC) 36-75 36-75 36-75 36-75 36-75 36-75 36-75 Output Voltage (VDC) 1.8 2.5 3.3 5 12 15 24 Output Current (mA) 8000 8000 8000 8000 3333 2666 1666 (%) 80 83 85 87 83 83 84 Efficiency
* add suffix "CTRL" for optional Remote ON/OFF-Control
Designed to meet EN-60950-1
Specifications (Core Operating Area)
Input Voltage Range Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load ) Ripple Noise Trim Operating Frequency Over Power Protection Over Voltage Protection Short Circuit Protection Efficiency at Full Load Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Storage Temperature Range Case Temperature (tested for 1 second) (long term isolation) 2:1 type 2% max. 0.5% max. 1% max. 1% 1% 10% 400kHz typ. Works over 120% of rating and recovers automatically Zener diode clamp Hiccup mode, auto-recovery 87% max. 1600VDC min. see Application Notes 1000pF 100 M min.
Derating-Graph
(Ambient Temperature)
120 100
Output Power (%)
80 60
40
20 0
Safe Operating Area
-25
0
25 40 50
70
75
100
Operating Temperature Range (Natural convection) 2:1(with derating) -25C to +70C (see Graph) -55C to +105C +100C max. continued on next page 134 July-2006
Operating Temperature (C)
www.recom-international.com
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Temperature Coefficient Relative Humidity Case Material Cooling Method Package Weight MTBF (+25C) Detailed Information see (+40C) Application Notes chapter "MTBF" 95% RH
REC40-SRW/H Series
0.02%/C Natural convection using MIL-HDBK 217F using MIL-HDBK 217F 58g >550 x 103 hours 187 x 103 hours
Nickel Plated Copper with Non-Conductive Base, Six-side Shielded
}
Package Style and Pinning (mm) , Wide Input 2:1
PIN Package 2:1
50.80 40.60
3rd angle projection
11.90 dia. 1.0 6.00
Pin Connections
45.70
5 10.16 1 2 6
Pin # 1 2 4 5 6 7 8
Single +Vin -Vin CTRL NC +Vout -Vout Trim
5.08 10.16
Bottom View
7
10.16
XX.X 0.5 mm XX.XX 0.25 mm
22.86
4
10.16 8 5.08
-Vout Trim Up Trim Trim Down +Vout 10kW Trimpot 10kW Trimpot
-Vout
7.62
Trim
10kW Trimpot
+Vout
www.recom-international.com
July-2006
135


▲Up To Search▲   

 
Price & Availability of REC40-4818SRW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X